PART |
Description |
Maker |
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
NTE953 |
5 V-30 V ADJUSTABLE POSITIVE REGULATOR, PSFM4 Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
|
NTE[NTE Electronics]
|
LT3083MPFEPBF LT3083MPFETRPBF LT3083EQPBF LT3083-1 |
ADJUSTABLE POSITIVE LDO REGULATOR, 0.42 V DROPOUT, PDSO16 4.40 MM, LEAD FREE, PLASTIC, TSSOP-16 0 V-23 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.51 V DROPOUT, PSSO5 Adjustable 3A Single Resistor Low Dropout Regulator
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
IP117AG-BSS2 IP117AR-883B IP117AHVIG-DESC IP117G-O |
ADJUSTABLE POSITIVE REGULATOR, MSFM3 TO-257, 3 PIN ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
ITT, Corp. SEMELAB LTD
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
UZ1086L-AD-TQ2-R UZ1086L-AD-TQ3-R UZ1086L-AD-TA3-T |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 LEAD FREE, TO-220, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 LEAD FREE, SOT-223, 4 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-252, 3 PIN
|
Unisonic Technologies Co., Ltd.
|
LX8585A-00CDD LX8585A-00 LX8585A-00CP LX8585A-15 L |
4.6A LOW DROPOUT POSITIVE REGULATORS 4.6a进入阳性率低压差调节器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Positive Adjustable Voltage Regulator From old datasheet system Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
APU1207M-18 APU1206H-18 APU1206H-25 APU1206K-25 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO8 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO3
|
Advanced Power Electronics, Corp.
|
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LT1085IT-12PBF LT1587CT-1.5PBF LT1083IK LM338MK |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-29 V ADJUSTABLE POSITIVE LDO REGULATOR, MBFM4 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, MBFM4
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|